Part Number Hot Search : 
258829 M09H05 LLM317 GC562 TA761 BPC3510 DS2200 MUR405RL
Product Description
Full Text Search
 

To Download STT200GK08B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thyristor-thyristor modules type STT200GK08B stt200gk12b stt200gk14b stt200gk16b stt200gk18b v rrm v drm v 800 1200 1400 1600 1800 v rsm v dsm v 900 1300 1500 1700 1900 tolerance:+0.5mm - dimensions in mm (1mm=0.0394") symbol test conditions maximum ratings unit t vj =t vjm t c =85 o c; 180 o sine 314 200 a t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 6500 7200 5500 6100 a i tsm , i fsm t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 38000 34000 30000 27000 a 2 s i 2 dt (di/dt) cr 250 800 a/us (dv/dt) cr t vj =t vjm ; v dr =2/3v drm r gk = ; method 1 (linear voltage rise) 1000 v/us p gm t vj =t vjm t p =30us i t =i tavm t p =500us 120 60 w p gav 20 w i trms , i frms i tavm , i favm o c t vj t vjm t stg -40...+125 125 -40...+125 v isol 50/60hz, rms t=1min i isol <1ma t=1s 3000 3600 v~ m d mounting torque (m5) _ 2.5-5/22-44 nm/lb.in. weight 170 g t vj =t vjm repetitive, i t =750a f=50hz, t p =200us v d =2/3v drm i g =1a non repetitive, i t =200a di g /dt=1a/us v rgm 10 v stt200gk xxb typ. p1 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
thyristor-thyristor modules stt200gkxxb symbol test conditions characteristic values unit i rrm t vj =t vjm ; v r =v rrm ; v d =v drm 70 ma advantages * space and weight savings * simple mounting * improved temperature and power cycling * reduced protection circuits applications * motor control * power converter * heat and temperature control for industrial furnaces and chemical processes * lighting control * contactless switches ma i drm 70 v v t , v f i t , i f =600a; t vj =25 o c 1.60 v to for power-loss calculations only (t vj =125 o c) 0.95 v r t 1.0 m v d =6v; t vj =25 o c t vj =-40 o c v gt 2 3 v v d =6v; t vj =25 o c t vj =-40 o c i gt 150 200 ma v gd t vj =t vjm ; v d =2/3v drm 0.25 v i gd 10 ma i h t vj =25 o c; v d =6v; r gk = 150 ma t vj =25 o c; t p =30us; v d =6v i g =0.45a; di g /dt=0.45a/us 300 ma i l per thyristor/diode; dc current per module r thjc 0.140 0.070 k/w per thyristor/diode; dc current per module r thjk 0.180 0.090 k/w d s creeping distance on surface 12.7 mm d a strike distance through air 9.6 mm a maximum allowable acceleration 50 m/s 2 t vj =25 o c; v d =1/2v drm i g =1a; di g /dt=1a/us t gd 2 us t vj =t vjm ; i t =300a; t p =200us; -di/dt=10a/us typ. v r =100v; dv/dt=50v/us; v d =2/3v drm t q 200 us uc q s t vj =125 o c; i t , i f =400a; -di/dt=50a/us 760 i rm 275 a features * international standard package * glass passivated chips * isolation voltage 3600 v~ * rohs compliant t vj =t vjm; p2 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
thyristor-thyristor modules stt200gkxxb fig. 2a maximum forward current at case temperature fig. 3 power dissipation versus on-state current and ambient temperature (per thyristor or d i o d e ) fig. 5 three phase rectifier bridge: power dissipation versus direct output current and ambient temperat u re fig. 1 surge overload current i tsm , i fsm : crest value, t: duration fig. 4 gate trigger characteristics fig. 6 gate trigger delay time fig. 2 i 2 t versus time (1-10 ms) 3 x stt200 p3 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
thyristor-thyristor modules stt200gkxxb fig. 7 three phase ac-controller: power dissipation versus rms output current and ambient tempe rature 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.00 0.05 0.10 0.15 0.20 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.00 0.05 0.10 0.15 t s z thjk k/w t s z thjc k/w 30 dc 30 dc fig. 8 transient thermal impedance junction to case (per thyristor or diode ) fig. 9 transient thermal impedance junction t o heatsink (per thyristor or diode) r thjc for various conduction angles d: d r thjc (k/w) dc 0.129 180 o c 0.131 120 o c 0.131 60 o c 0.132 30 o c 0.132 constants for z thjc calculation: i r thi (k/w) t i (s) 1 0.0035 0.099 2 0.0165 0.1 6 8 3 0.1091 0.45 6 r thjk for various conduction angles d: d r thjk (k/w) dc 0.169 180 o c 0.171 120 o c 0.172 60 o c 0.172 30 o c 0.173 constants for z thjk calculation: i r thi (k/w) t i (s) 1 0.0033 0.099 2 0.0159 0.16 8 3 0.1053 0.4 5 6 4 0.04 1.36 3 x stt200 3 x stt200 p4 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of STT200GK08B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X